PART |
Description |
Maker |
29160B910JO0 29160B331JO0 29120B243JO0 29110B823JO |
Silver Mica Capacitor; Capacitance:10000pF; Capacitance Tolerance: 5%; Series:291; Voltage Rating:4000VDC; Capacitor Dielectric Material:Mica; Termination:Screw; Working Voltage, DC:4000V CAPACITOR, MICA, 0.01 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.0075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.00075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.000075 uF, CHASSIS MOUNT High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electr...
|
M30612MA-323FP M30612MC-213FP M30612MC-211FP M3061 |
16-BIT, MROM, 10 MHz, MICROCONTROLLER, PQFP100 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 MICA RoHS Compliant: No 单片16位CMOS微机 Silver Mica Capacitor; Capacitance:240pF; Capacitance Tolerance: 5%; Series:CM05; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:15pF; Capacitance Tolerance: /- 5%; Series:CM04; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3.6mm; Leaded Process Compatible:No RoHS Compliant: No
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation
|
TN2-L2-H-9 TN2-L2-H-9V TN2-12 TN2-L2-H-12V TN2-L2- |
SLIM POLARIZED RELAY Silver Mica Capacitor; Capacitance:300pF; Capacitance Tolerance: /- 5%; Series:CD5; Voltage Rating:50VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3mm; Leaded Process Compatible:Yes RoHS Compliant: Yes SLIM的极化继电器
|
http:// NAIS[Nais(Matsushita Electric Works)] NAIS[Matsushita Electric Works(Nais)]
|
V802ME06 |
Silver Mica Capacitor; Capacitance:4700pF; Capacitance Tolerance: /- 5%; Series:CMR; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.9mm; Leaded Process Compatible:No RoHS Compliant: No 压控振荡 VOLTAGE CONTROLLED OSCILLATOR
|
Z-Communications, Inc. ZCOMM[Z-Communications, Inc]
|
CS42L50 CDB42L50 CS42L50-KN |
Silver Mica Capacitor; Capacitance:200pF; Capacitance Tolerance: /- 5%; Series:CDS; Voltage Rating:100VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:100pF; Capacitance Tolerance: /- 5%; Series:CDS; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:120pF; Capacitance Tolerance: /- 5%; Series:CDS; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3mm; Leaded Process Compatible:No RoHS Compliant: No
|
Cirrus Logic, Inc.
|
SPB100N06S2L-05 SPP100N06S2L-05 |
Low Voltage MOSFETs - TO220/263; 100 A; 55V; LL; 4,7 mOhm OptiMOS Power-Transistor Silver Mica Capacitor; Capacitance:15pF; Capacitance Tolerance: /- 5%; Series:CD6; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:4.4mm; Leaded Process Compatible:No RoHS Compliant: No
|
INFINEON[Infineon Technologies AG]
|
AD842KH AD842KN AD842KQ AD842SH AD842JN AD842JH AD |
Wideband, High Output Current, Fast Settling Op Amp Wideband/ High Output Current/ Fast Settling Op Amp XTAL MTL T/H HC49/U Silver Mica Capacitor; Capacitance:270pF; Capacitance Tolerance: /- 5%; Series:CD16; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.94mm; Leaded Process Compatible:Yes RoHS Compliant: Yes Silver Mica Capacitor; Capacitance:240pF; Capacitance Tolerance: 5%; Series:CD16; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.94mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
AD[Analog Devices] Analog Devices, Inc.
|
BL-XA1361-F8 BL-XF0361-F8 BL-XJB361-F8 BL-XJD361-F |
Silver Mica Capacitor; Capacitance:36pF; Capacitance Tolerance: /- 2%; Series:CD4; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:2.5mm; Leaded Process Compatible:No RoHS Compliant: No Film Capacitor; Capacitor Type:Motor Start/Motor Run; Voltage Rating:370VAC; Capacitor Dielectric Material:Polypropylene; Capacitance:2uF; Capacitance Tolerance: /- 10%; Lead Pitch:20.6mm; Leaded Process Compatible:No RoHS Compliant: No DSUB CONN 9POS (DB9) 轴向LED节能灯与轭铅 AXIAL LED LAMPS WITH YOKE LEAD 轴向LED节能灯与轭铅
|
Yellow Stone Corp 早安股份有限公司 Yellow Stone, Corp.
|
AD53032 AD53032JSTP |
Silver Mica Capacitor; Capacitance:12pF; Capacitance Tolerance: /- 5%; Series:CD17; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:Yes RoHS Compliant: Yes High Performance Driver/Comparator Active Load on a Single Chip DRIVER/COMPARATOR/LOAD: A Single Chip that Performs the Pin Electronics Functions of Driver, Comparator and Active Load in ATE VLSI and Memory Testers
|
Analog Devices, Inc. AD[Analog Devices]
|
BL-XA1361 BL-XF0361 BL-XJB361 BL-XJD361 BL-XJF361 |
D-Subminiature Connector; Gender:Male; No. of Contacts:9; Contact Termination:Through Hole; D Sub Shell Size:DB9; Body Material:Steel; Contact Plating:Gold Flash; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Silver Mica Capacitor; Capacitance:33pF; Capacitance Tolerance: 5%; Series:CD4; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:2.5mm; Leaded Process Compatible:No RoHS Compliant: No BRACKET RoHS Compliant: Yes AXIAL LED LAMPS 轴向LED节能
|
Yellow Stone Corp 早安股份有限公司 Yellow Stone, Corp.
|
BL-XA1361-F7 BL-XF0361-F7 BL-XJB361-F7 BL-XJD361-F |
AXIAL LED LAMPS WITH GULL WING LEAD 轴向LED节能灯带鸥翼 Rotary Switch; Contact Current Max:6A; No. of Poles:4; No. of Switch Positions:3; Indexing:30 ; Switch Terminals:Solder Lug RoHS Compliant: Yes Silver Mica Capacitor; Capacitance:33pF; Capacitance Tolerance: /- 5%; Series:CD4; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:2.5mm; Leaded Process Compatible:Yes RoHS Compliant: Yes D-Subminiature Connector; No. of Contacts:9; D Sub Shell Size:DB9; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
Yellow Stone, Corp. 早安股份有限公司 Yellow Stone Corp
|
SFH409-2 Q62702-P1001 Q62702-P1002 Q62702-P860 SFH |
From old datasheet system GaAs Infrared Emitter Mica Film Capacitor; Capacitance:47pF; Capacitance Tolerance: /- 5 %; Working Voltage, DC:300V CAP MICA 43PF 300V SMD 砷化镓红外发射器
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|